Part Number Hot Search : 
72PR20LF 544MI01L C3GDL SMAZ30 CY7C14 FP102 IP200 CPT40035
Product Description
Full Text Search
 

To Download 80SCLQ030 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PD -94188A
SCHOTTKY RECTIFIER
HIGH EFFICIENCY SERIES
80SCLQ030
80 Amp, 30V
Major Ratings and Characteristics Characteristics IF(AV) VRRM (Per Leg) IFSM @ tp = 8.3ms half-sine (Per Leg) VF @ 40Apk, TJ =125C (Per Leg) 80SCLQ030 Units 80 30 A V
Description/Features The 80SCLQ030 center tap Schottky rectifier has been expressly designed to meet the rigorous requirements of hirel environments. It is packaged in the hermetic surface mount SMD-1 ceramic package. The device's forward voltage drop and reverse leakage current are optimized for the lowest power loss and the highest circuit efficiency for typical high frequency switching power supplies and resonent power converters. Full MIL-PRF-19500 quality conformance testing is available on source control drawings to TX, TXV and S quality levels. Hermetically Sealed Center Tap Low Forward Voltage Drop High Frequency Operation Guard Ring for Enhanced Ruggedness and Long term Reliability * Surface Mount * Lightweight * * * * *
200 0.55
A V
TJ, Tstg Operating and storage -55 to 150
C
CASE STYLE
2
1
3
ANODE COMMONANODE CATHODE
IR Case Style SMD-1
www.irf.com
1
7/11/01
80SCLQ030
Voltage Ratings
Part number
VR Max. DC Reverse Voltage (V) (Per Leg) VRWM Max. Working Peak Reverse Voltage (V) (Per Leg)
80SCLQ030 30
Absolute Maximum Ratings
Parameters
IF(AV) Max. Average Forward Current See Fig. 5 IFSM Max. Peak One Cycle Non - Repetitive Surge Current (Per Leg) 200 A @ tp = 8.3 ms half-sine
Limits
80
Units
A
Conditions
50% duty cycle @ TC = 81C, square waveform
Electrical Specifications
Parameters
V FM Max. Forward Voltage Drop (Per Leg) See Fig. 1Q
Limits
0.58 0.7 0.83 0.47 0.56 0.73 0.42 0.55 0.82
Units
V V V V V V V V V mA mA mA pF nH @ 20A @ 40A @ 80A @ 20A @ 40A @ 80A @ 20A @ 40A @ 80A TJ = 25C TJ = 100C TJ = 125C
Conditions
TJ = -55C R
TJ = 25CR
TJ = 125C R
I RM
Max. Reverse Leakage Current (Per Leg) See Fig. 2Q
1.5 75 200
VR = rated VR R
CT LS
Max. Junction Capacitance (Per Leg) Typical Series Inductance (Per Leg)
2600 5.9
VR = 5VDC ( 1MHz, 25C ) R Measured from center of cathode pad to center of anode pad
Thermal-Mechanical Specifications
Parameters
TJ Tstg Max.Junction Temperature Range Max. Storage Temperature Range to Case (Per Leg) RthJC Max. Thermal Resistance, Junction to Case (Per Package) wt Weight (Typical) Die Size (Typical) Case Style Q Pulse Width < 300s, Duty Cycle < 2% 2.6 150X180 SMD-1 g mils 0.63 C/W DC operation
Limits Units
-55 to 150 -55 to 150 1.25 C C C/W DC operation
Conditions
RthJC Max. Thermal Resistance, Junction
See Fig. 4
2
www.irf.com
80SCLQ030
1000
Reverse Current - I R ( mA )
100
125C 100C
100
10
75C
1
0.1
25C
0.01
Instantaneous Forward Current - I F (A)
0
10
20
30
Reverse Voltage - VR (V)
Fig. 2 - Typical Values of Reverse Current Vs. Reverse Voltage (Per Leg)
10
10000
Tj = 125C Tj = 25C
Junction Capacitance - CT (pF)
Tj = -55C
T J = 25C
1 0.0 0.2 0.4 0.6 0.8 1.0 Forward Voltage Drop - V F (V)
1000 0 10 20 30
Fig. 1 - Max. Forward Voltage Drop Characteristics (Per Leg)
Reverse Voltage -V R (V)
Fig. 3 - Typical Junction Capacitance Vs. Reverse Voltage (Per Leg)
www.irf.com
3
80SCLQ030
10
Thermal Response (Z thJC )
1 D = 0.50 0.20 0.10 0.1 0.05 0.02 0.01
0.0001
SINGLE PULSE (THERMAL RESPONSE)
0.01 0.00001
Notes: 1. Duty factor D = t 1 / t 2 2. Peak TJ = P DM x Z thJC + TC 0.1 0.001 0.01
PDM t1 t2 1
t1 , Rectangular Pulse Duration (sec)
Fig. 4 - Max. Thermal Impedance ZthJC Characteristics (Per Leg)
180
Allowable Case Temprature - (C)
160 140 120 100 80 60 40 20 0 0 20 40 60
80SCLQ030
R thJC = 0.63C/W
DC
80
100
120
Average Forward Current - I F(AV) (A)
Fig. 5 - Max. Allowable Case Temperature Vs. Average Forward Current
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105 TAC Fax: (310) 252-7903 Visit us at www.irf.com for sales contact information. Data and specifications subject to change without notice. 07/01
4
www.irf.com


▲Up To Search▲   

 
Price & Availability of 80SCLQ030

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X